Part Number Hot Search : 
SXXBF HE83137 CEB703 BDW93B RMPA2458 KA7806A NE74020 HER303
Product Description
Full Text Search
 

To Download M62222FP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MITSUBISHI
M62222L/FP
2.7V FIXED OUTPUT VOLTAGE DC-DC CONVERTER GENERAL DESCRIPTION
M62222 is a general purpose DC-DC converter which provides a 2.7V fixed output voltage. It is possible to simplify the peripheral circuit and to design compact and low cost sets because this IC, housed in a small 5- or 8-pin package includes necessary peripheral components. Especially this is most suitable for CD-ROM, Disk Drive sets and PDA as a converter from 5V to 2.7V .
PIN CONFIGURATION (TOP VIEW)
M62222L
COLLECTOR 1 GND 2 CLM 3 VCC 4
5 IN 4 VCC 3 CLM 2 GND 1 COLLECTOR
FEATURES
* Wide operation supply voltage range ********** 4 to 15 V * Low power consumption ********** 900 A(max.) * Built-in oscillator without external components (110KHz typ.) * Built-in over current protection circuit * Small 5-pin SIP and 8-pin SOP packages
Outline 5P5T 8 NC 7 NC 6 NC 5 IN
Outline 8P2S-A
APPLICATIONS
CD-ROM, PDA, general purpose electric products
NC: NO CONNECTION
M62222FP
BLOCK DIAGRAM
VCC
OVER CURRENT DETECTION RESISTOR
CLM
4
OP Amp
3
CURRENT LIMIT CIRCUIT
IN
PWM Comp
1
Collector
5
1.25V OSC. (110KHz)
2
GND OUT
(1/3)
April 1996
MITSUBISHI
M62222L/FP
2.7V FIXED OUTPUT VOLTAGE DC-DC CONVERTER
ABSOLUTE MAXIMUM RATINGS (Ta=25C, unless otherwise noted)
Symbol Vcc Io Pd Parameter Supply voltage Output current Power dissipation Ta=25C 5-pin SIP 8-pin SOP Ta>25C 5-pin SIP 8-pin SOP Conditions Ratings 16 100 450 440 4.5 4.4 -20 - +85 -40 - +125 Unit V mA mW mW mW/ C mW/ C C C
KTHETA Topr Tstg
Thermal derating Operating temperature Storage temperature
ELECTRICAL CHARACTERISTICS (Ta=25C, Vcc=5V, unless otherwise noted)
Block All block Error Amp. Oscillator CLM Output Symbol Vcc Icc Vo Vreg-L Iin fosc TDUTY VTHCLM ICL Vsat Parameter Supply voltage Supply current Output voltage REF line regulation IN input current Oscillator frequency Maximum on duty Current limit voltage Output leakage current Vcc - CLM Vcc = 12V, Vc = 12V 120 -1 -- Vcc= 4 to 12V -- 65 Whthout load Test conditions Limits Min. 4.0 -- 2.57 Typ. 660 2.70 5 100 110 90 150 -- 0.4 180 1 0.7 Max. 15 900 2.83 15 300 155 Unit V A V mV A kHz % mV A V
Output saturation voltage Io = 100mA
(2/3)
April 1996
MITSUBISHI
M62222L/FP
2.7V FIXED OUTPUT VOLTAGE DC-DC CONVERTER Application Circuit (2.7V Output DC-DC Converter) VIN (5V)
+
RCLM 0.1
100F
4 Vcc VOUT(2.7V,1A) 5 IN
100F
+
3 CLM Collector 1
1K
M62222
1K
GND 2
68H
Fig.1 Example of the M62222L/FP application circuit
* Current Limit Detection: When the voltage drop between pin 3 and pin 4 becomes more than 150mV, the Current Limit Detection circuit begins operating. The peak switch current "Ipk" is limited to 150mV / RCLM. In the example of application (fig.1), the current is limited to 1.5A.
THE EXPRESSION OF CIRCUIT CONSTANTS
CONSTANTS TON TOFF (TON+TOFF)MAX TOFF(MIN) TON(MAX) L(MIN) Ipk RCLM 1 fosc EXPRESSIONS VO+VF VIN - VCE(sat) - VO fosc:110KHz(Vcc=5V) TON ) TOFF
( TON + TOFF ) / ( 1 +
1 fosc - TOFF ( VIN - VCE(sat) - VO ) x TON(MAX) Io Io + 1 Io 2 0.15 VCLM:150mV(Vcc=5V) Ipk
*VF : Forward voltage drop of an external diode. *Vsat : Output saturation voltage of an external switching transistor. *Io : It should be set between1/3 and 1/5 of maximum output current. *An external transistor, diode and inductor should have a peak current capability of greater than "Ipk".
(3/3)
April 1996


▲Up To Search▲   

 
Price & Availability of M62222FP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X